Part Number Hot Search : 
SD222 CHS1209 002000 IRFU370 ST441 MBRF1050 DS3508 21020
Product Description
Full Text Search
 

To Download LTC2630-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
LTC2630 Single 12-/10-/8-Bit Rail-toRail DACs with Integrated Reference in SC70 DESCRIPTION
The LTC(R)2630 is a family of 12-, 10-, and 8-bit voltageoutput DACs with an integrated, high-accuracy, low-drift reference in a 6-lead SC70 package. It has a rail-to-rail output buffer and is guaranteed monotonic. The LTC2630-L has a full-scale output of 2.5V, and operates from a single 2.7V to 5.5V supply. The LTC2630-H has a full-scale output of 4.096V, and operates from a 4.5V to 5.5V supply. Each DAC can also operate in supply as reference mode, which sets the full-scale output to the supply voltage. The parts use a simple SPI/MICROWIRETM compatible 3-wire serial interface which operates at clock rates up to 50MHz. The LTC2630 incorporates a power-on reset circuit. Options are available for reset to zero or reset to midscale after power-up.
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners. Protected by U.S. Patents including 5396245, 5859606, 6891433 and 6937178.

Integrated Precision Reference 2.5V Full Scale 10ppm/C (LTC2630-L) 4.096V Full Scale 10ppm/C (LTC2630-H) Maximum INL Error: 1 LSB (LTC2630A-12) Low Noise: 0.7mVP-P, 0.1Hz to 200kHz Guaranteed Monotonic over Temperature Selectable Internal Reference or Supply as Reference 2.7V to 5.5V Supply Range (LTC2630-L) Low Power Operation: 180A at 3V Power Down to 1.5A Maximum (C and I Grades) Power-on Reset to Zero or Midscale Options SPI Serial Interface Double-Buffered Data Latches Tiny 6-Lead SC70 Package
APPLICATIONS

Mobile Communications Process Control and Industrial Automation Automatic Test Equipment Portable Equipment Automotive
TYPICAL APPLICATION
VCC INTERNAL REFERENCE SDI CONTROL DECODE LOGIC SCK 24-BIT SHIFT REGISTER DACREF CS/LD -0.5 INPUT REGISTER DAC REGISTER DAC VOUT RESISTOR DIVIDER INL (LSB) 0.5
Integral Nonlinearity (LTC2630A-LZ12)
1.0 VCC = 3V VFS = 2.5V
0
-1.0 GND
2630 BD
0
1024
2048 CODE
3072
4095
2630 TA03
2630f
1
LTC2630 ABSOLUTE MAXIMUM RATINGS
(Note 1)
PIN CONFIGURATION
TOP VIEW CS/LD 1 SCK 2 SDI 3 6 VOUT 5 GND 4 VCC
Supply Voltage (VCC) ................................... -0.3V to 6V CS/LD, SCK, SDI .......................................... -0.3V to 6V VOUT .................................. -0.3V to min(VCC + 0.3V, 6V) Operating Temperature Range LTC2630C ................................................ 0C to 70C LTC2630I ............................................. -40C to 85C LTC2630H .......................................... -40C to 125C Maximum Junction Temperature .......................... 150C Storage Temperature Range................... -65C to 150C Lead Temperature (Soldering, 10 sec) .................. 300C
SC6 PACKAGE 6-LEAD PLASTIC SC70 TJMAX = 150C (Note 4), JA = 300C/W
ORDER INFORMATION
LTC2630 A C SC6 -L M 12 #TRM PBF LEAD FREE DESIGNATOR TAPE AND REEL TR = Tape and Reel TRM = 500-Piece Tape and Reel RESOLUTION 12 = 12-Bit 10 = 10-Bit 8 = 8-Bit POWER-ON RESET M = Reset to Mid-Scale Z = Reset to Zero-Scale FULL-SCALE VOLTAGE, INTERNAL REFERENCE MODE L = 2.5V H = 4.096V PACKAGE TYPE SC6 = 6-Lead SC70 TEMPERATURE GRADE C = Commercial Temperature Range (0C to 70C) I = Industrial Temperature Range (-40C to 85C) H = Automotive Temperature Range (-40C to 125C) ELECTRICAL GRADE (OPTIONAL) A = 1 LSB Maximum INL (12-Bit) PRODUCT PART NUMBER Consult LTC Marketing for information on non-standard lead based finish parts. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
2630f
2
LTC2630 PRODUCT SELECTION GUIDE
PART NUMBER LTC2630A-LM12 LTC2630A-LZ12 LTC2630A-HM12 LTC2630A-HZ12 LTC2630-LM12 LTC2630-LM10 LTC2630-LM8 LTC2630-LZ12 LTC2630-LZ10 LTC2630-LZ8 LTC2630-HM12 LTC2630-HM10 LTC2630-HM8 LTC2630-HZ12 LTC2630-HZ10 LTC2630-HZ8 VFS WITH INTERNAL REFERENCE 2.5V * (4095/4096) 2.5V * (4095/4096) 4.096V * (4095/4096) 4.096V * (4095/4096) 2.5V * (4095/4096) 2.5V * (1023/1024) 2.5V * (255/256) 2.5V * (4095/4096) 2.5V * (1023/1024) 2.5V * (255/256) 4.096V * (4095/4096) 4.096V * (1023/1024) 4.096V * (255/256) 4.096V * (4095/4096) 4.096V * (1023/1024) 4.096V * (255/256) POWER-ON RESET TO CODE Mid-Scale Zero Mid-Scale Zero Mid-Scale Mid-Scale Mid-Scale Zero Zero Zero Mid-Scale Mid-Scale Mid-Scale Zero Zero Zero RESOLUTION 12-Bit 12-Bit 12-Bit 12-Bit 12-Bit 10-Bit 8-Bit 12-Bit 10-Bit 8-Bit 12-Bit 10-Bit 8-Bit 12-Bit 10-Bit 8-Bit VCC 2.7V-5.5V 2.7V-5.5V 4.5V-5.5V 4.5V-5.5V 2.7V-5.5V 2.7V-5.5V 2.7V-5.5V 2.7V-5.5V 2.7V-5.5V 2.7V-5.5V 4.5V-5.5V 4.5V-5.5V 4.5V-5.5V 4.5V-5.5V 4.5V-5.5V 4.5V-5.5V MAXIMUM INL 1LSB 1LSB 1LSB 1LSB 2LSB 1LSB 0.5LSB 2LSB 1LSB 0.5LSB 2LSB 1LSB 0.5LSB 2LSB 1LSB 0.5LSB
2630f
3
LTC2630 ELECTRICAL CHARACTERISTICS
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 2.7V to 5.5V, VOUT unloaded unless otherwise specified.
LTC2630-LM12/-LM10/-LM8/-LZ12/-LZ10/-LZ8, LTC2630A-LM12/-LZ12 (VFS = 2.5V)
LTC2630-8 SYMBOL PARAMETER DC Performance Resolution Monotonicity DNL INL ZSE VOS VOSTC FSE VFSTC VCC = 3V, Internal Ref. (Note 2)

LTC2630-10
LTC2630-12
LTC2630A-12 MAX UNITS Bits Bits 1 0.5 0.5 0.5 10 0.2 10 10 10 0.13 0.256 0.8 1 5 5 LSB LSB mV mV V/C %FSR ppm/C ppm/C ppm/C LSB/ mA
CONDITIONS
MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP 8 8 0.5 0.05 0.5 0.5 0.5 10
10 10 0.5 0.2 0.5 0.5 10 0.2 0.8 10 10 10 0.03 0.064 1 5 5
12 12 1 1 0.5 0.5 10 0.2 0.8 10 10 10 0.13 0.256 2 5 5
12 12
Differential Nonlinearity VCC = 3V, Internal Ref. (Note 2) Integral Nonlinearity VCC = 3V, Internal Ref. (Note 2) Zero Scale Error Offset Error VOS Temperature Coefficient Full Scale Error Full Scale Voltage Temperature Coefficient Load Regulation VCC = 3V, Internal Ref., Code = 0 VCC = 3V, Internal Ref. (Note 3) VCC = 3V, Internal Ref. (Note 3) VCC = 3V, Internal Ref. VCC = 3V, Internal Ref. (Note 8) C-Grade I-Grade H-Grade VCC = 3V 10% or 5V 10%, Internal Ref., Midscale, -5mA IOUT 5mA
5 5
0.2 0.8 10 10 10 0.008 0.016
ROUT
DC Output Impedance VCC = 3V 10% or 5V 10%, Internal Ref., Midscale, -5mA IOUT 5mA
0.08 0.156
0.08 0.156
0.08 0.156
0.08
0.156
SYMBOL PARAMETER VOUT PSR ISC DAC Output Span Power Supply Rejection Short Circuit Output Current (Note 4) Sinking Sourcing Power Supply Voltage Supply Current (Note 5)
CONDITIONS Supply as Reference Internal Reference VCC = 3V 10% or 5V 10% VFS = VCC = 5.5V Zero Scale; VOUT Shorted to VCC Full Scale; VOUT Shorted to GND For Specified Performance Midscale VCC = 3V, Supply as Reference VCC = 3V, Internal Reference VCC = 5V, Supply as Reference VCC = 5V, Internal Reference

MIN
TYP 0V to VCC 0V to 2.5 -80 27 -28
MAX
UNITS V V dB
50 -50 5.5
mA mA V A A A A A A V V
Power Supply VCC ICC 2.7 160 180 180 190 0.36 0.36 2.4 2.0 0.8 0.6 1 2.5
220 240 250 260 1.5 3
ISD
Supply Current in Shutdown Mode (Note 5) VCC = 5V, C-Grade, I-Grade VCC = 5V, H-Grade Digital Input High Voltage Digital Input Low Voltage Digital Input Leakage Digital Input Capacitance VCC = 3.6V to 5.5V VCC = 2.7V to 3.6V VCC = 4.5V to 5.5V VCC = 2.7V to 4.5V VIN = GND to VCC (Note 6)
Digital I/O VIH VIL ILK CIN
V V A pF
2630f
4
LTC2630 ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER AC Performance tS Settling Time VCC = 3V (Note 7) 0.39% (1LSB at 8 Bits) 0.098% (1LSB at 10 Bits) 0.024% (1LSB at 12 Bits) 3.2 3.9 4.4 1.0 500 At Midscale Transition At f = 1kHz, Supply as Reference At f = 10kHz, Supply as Reference At f = 1kHz, Internal Reference At f = 10kHz, Internal Reference 0.1Hz to 10Hz, Supply as Reference 0.1Hz to 10Hz, Internal Reference 0.1Hz to 200kHz, Supply as Reference 0.1Hz to 200kHz, Internal Reference 2 140 130 160 150 20 20 650 700 s s s V/s pF nV*s nV/Hz nV/Hz nV/Hz nV/Hz VP-P VP-P VP-P VP-P
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 2.7V to 5.5V, VOUT unloaded unless otherwise specified. LTC2630-LM12/-LM10/-LM8/-LZ12/-LZ10/-LZ8, LTC2630A-LM12/-LZ12 (VFS = 2.5V)
CONDITIONS MIN TYP MAX UNITS
Voltage Output Slew Rate Capacitive Load Driving Glitch Impulse en Output Voltage Noise Density
Output Voltage Noise
TIMING CHARACTERISTICS
SYMBOL t1 t2 t3 t4 t5 t6 t7 t10 PARAMETER SDI Valid to SCK Setup SDI Valid to SCK Hold SCK High Time SCK Low Time CS/LD Pulse width SCK High to CS/LD High CS/LD Low to SCK High CS/LD High to SCK Positive Edge SCK Frequency
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 2.7V to 5.5V. (See Figure 1) (Note 6).
LTC2630-LM12/-LM10/-LM8/-LZ12/-LZ10/-LZ8, LTC2630A-LM12/-LZ12 (VFS = 2.5V)
CONDITIONS

MIN 4 4 9 9 10 7 7 7
TYP
MAX
UNITS ns ns ns ns ns ns ns ns
50% Duty Cycle
50
MHz
2630f
5
LTC2630 ELECTRICAL CHARACTERISTICS
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 4.5V to 5.5V, VOUT unloaded unless otherwise specified. LTC2630-HM12/-HM10/-HM8/-HZ12/-HZ10/-HZ8, LTC2630A-HM12/-HZ12 (VFS = 4.096V)
LTC2630-8 SYMBOL PARAMETER DC Performance Resolution Monotonicity DNL INL ZSE VOS VOSTC FSE VFSTC
LTC2630-10
LTC2630-12
LTC2630A-12 MAX UNITS Bits Bits 1 0.5 0.5 0.5 10 0.2 10 10 10 0.10 0.1 0.16 0.156 0.8 1 5 5 LSB LSB mV mV V/C %FSR ppm/C ppm/C ppm/C LSB/ mA
CONDITIONS
MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP 8 8 0.5 0.05 0.5 0.5 0.5 10
10 10 0.5 0.2 0.5 0.5 10 0.2 0.8 10 10 10 0.025 0.04 0.1 0.156 1 5 5
12 12 1 1 0.5 0.5 10 0.2 0.8 10 10 10 0.10 0.16 0.1 0.156 2 5 5
12 12
VCC = 5V, Internal Ref. (Note 2)
Differential Nonlinearity VCC = 5V, Internal Ref. (Note 2) Integral Nonlinearity VCC = 5V, Internal Ref. (Note 2) Zero Scale Error Offset Error VOS Temperature Coefficient Full Scale Error Full Scale Voltage Temperature Coefficient Load Regulation VCC = 5V, Internal Ref., Code = 0 VCC = 5V, Internal Ref. (Note 3) VCC = 5V, Internal Ref. (Note 3) VCC = 5V, Internal Ref. VCC = 5V, Internal Ref. (Note 8) C-Grade I-Grade H-Grade
VCC = 5V 10%, Internal Ref., Midscale, -10mA IOUT 10mA
5 5
0.2 0.8 10 10 10 0.006 0.01 0.1 0.156
ROUT
DC Output Impedance VCC = 5V 10%, Internal Ref., Midscale, -10mA IOUT 10mA
SYMBOL PARAMETER VOUT PSR ISC DAC Output Span Power Supply Rejection Short Circuit Output Current (Note 4) Sinking Sourcing Power Supply Voltage Supply Current (Note 5)
CONDITIONS Supply as Reference Internal Reference VCC = 5V 10% VFS = VCC = 5.5V Zero Scale; VOUT Shorted to VCC Full Scale; VOUT Shorted to GND For Specified Performance Midscale VCC = 5V, Supply as Reference VCC = 5V, Internal Reference

MIN
TYP 0V to VCC 0V to 4.096 -80 27 -28
MAX
UNITS V V dB
50 -50 5.5
mA mA V A A A A V
Power Supply VCC ICC 4.5 180 200 0.36 0.36 2.4 0.8 1 2.5
260 280 1.5 3
ISD
Supply Current in Shutdown Mode (Note 5) VCC = 5V, C-Grade, I-Grade VCC = 5V, H-Grade Digital Input High Voltage Digital Input Low Voltage Digital Input Leakage Digital Input Capacitance VIN = GND to VCC (Note 6)
Digital I/O VIH VIL ILK CIN V A pF

2630f
6
LTC2630 ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER AC Performance tS Settling Time VCC = 5V (Note 7) 0.39% (1LSB at 8 Bits) 0.098% (1LSB at 10 Bits) 0.024% (1LSB at 12 Bits) 3.7 4.4 4.8 1.0 500 At Midscale Transition At f = 1kHz, Supply as Reference At f = 10kHz, Supply as Reference At f = 1kHz, Internal Reference At f = 10kHz, Internal Reference 0.1Hz to 10Hz, Supply as Reference 0.1Hz to 10Hz, Internal Reference 0.1Hz to 200kHz, Supply as Reference 0.1Hz to 200kHz, Internal Reference 2.4 140 130 210 200 20 20 650 750 s s s V/s pF nV*s nV/Hz nV/Hz nV/Hz nV/Hz VP-P VP-P VP-P VP-P
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 4.5V to 5.5V, VOUT unloaded unless otherwise specified. LTC2630-HM12/-HM10/-HM8/-HZ12/-HZ10/-HZ8, LTC2630A-HM12/-HZ12 (VFS = 4.096V)
CONDITIONS MIN TYP MAX UNITS
Voltage Output Slew Rate Capacitive Load Driving Glitch Impulse en Output Voltage Noise Density
Output Voltage Noise
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 4.5V to 5.5V. (See Figure 1) (Note 6). LTC2630-HM12/-HM10/-HM8/-HZ12/-HZ10/-HZ8, LTC2630A-HM12/-HZ12 (VFS = 4.096V)
SYMBOL PARAMETER t1 t2 t3 t4 t5 t6 t7 t10 SDI Valid to SCK Setup SDI Valid to SCK Hold SCK High Time SCK Low Time CS/LD Pulse width SCK High to CS/LD High CS/LD Low to SCK High CS/LD High to SCK Positive Edge SCK Frequency 50% Duty Cycle CONDITIONS

TIMING CHARACTERISTICS
MIN 4 4 9 9 10 7 7 7
TYP
MAX
UNITS ns ns ns ns ns ns ns ns
50
MHz
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: Linearity and monotonicity are defined from code kL to code 2N-1, where N is the resolution and kL is given by kL = 0.016 * (2N/ VFS), rounded to the nearest whole code. For VFS = 2.5V and N = 12, kL = 26 and linearity is defined from code 26 to code 4,095. For VFS = 4.096V and N = 12, kL = 16 and linearity is defined from code 16 to code 4,095. Note 3: Inferred from measurement at code 16 (LTC2630-12), code 4 (LTC2630-10) or code 1 (LTC2630-8).
Note 4: This IC includes current limiting that is intended to protect the device during momentary overload conditions. Junction temperature can exceed the rated maximum during current limiting. Continuous operation above the specified maximum operating junction temperature may impair device reliability. Note 5: Digital inputs at 0V or VCC. Note 6: Guaranteed by design and not production tested. Note 7: Internal Reference mode. DAC is stepped 1/4 scale to 3/4 scale and 3/4 scale to 1/4 scale. Load is 2k in parallel with 100pF to GND. Note 8: Temperature coefficient is calculated by dividing the maximum change in output voltage by the specified temperature range.
2630f
7
LTC2630 TYPICAL PERFORMANCE CHARACTERISTICS
LTC2630-LM12/-LZ12 (VFS = 2.5V) Integral Nonlinearity (INL)
1.0 VCC = 3V 0.5 DNL (LSB) INL (LSB) 1.0 VCC = 3V 0.5
Differential Nonlinearity (DNL)
0
0
-0.5
-0.5
-1.0
0
1024
2048 CODE
3072
4095
2630 G01
-1.0
0
1024
2048 CODE
3072
4095
2630 G02
INL vs Temperature
1.0 VCC = 3V 0.5 INL (POS) DNL (LSB) INL (LSB) 0.5 1.0
DNL vs Temperature
2.52 VCC = 3V FS OUTPUT VOLTAGE (V) 2.51
Full-Scale Output Voltage vs Temperature
VCC = 3V
DNL (POS) 0 DNL (NEG) -0.5
0 INL (NEG) -0.5
2.50
2.49
-1.0 -50 -25
0
25 50 75 100 125 150 TEMPERATURE (C)
2630 G03
-1.0 -50 -25
0
25 50 75 100 125 150 TEMPERATURE (C)
2630 G04
2.48 -50 -25
0
25 50 75 100 125 150 TEMPERATURE (C)
2630 G05
Settling to 1LSB
Settling to 1LSB
3/4 SCALE TO 1/4 SCALE STEP VCC = 3V, VFS = 2.5V RL = 2k, CL = 100pF AVERAGE OF 256 EVENTS
CS/LD 2V/DIV
VOUT 1LSB/DIV 4.4s 3.6s
VOUT 1LSB/DIV 1/4 SCALE TO 3/4 SCALE STEP VCC = 3V, VFS = 2.5V RL = 2k, CL = 100pF AVERAGE OF 256 EVENTS 2s/DIV
2630 G06
CS/LD 2V/DIV 2s/DIV
2630 G07
2630f
8
LTC2630 TYPICAL PERFORMANCE CHARACTERISTICS
LTC2630-HM12/-HZ12 (VFS = 4.096V) Integral Nonlinearity (INL)
1.0 VCC = 5V 0.5 DNL (LSB) INL (LSB) 0.5 1.0 VCC = 5V
Differential Nonlinearity (DNL)
0
0
-0.5
-0.5
-1.0
0
1024
2048 CODE
3072
4095
2630 G08
-1.0
0
1024
2048 CODE
3072
4095
2630 G09
INL vs Temperature
1.0 VCC = 5V 0.5 INL (POS) DNL (LSB) INL (LSB) 0.5 1.0
DNL vs Temperature
4.115 VCC = 5V FS OUTPUT VOLTAGE (V) 4.105
Full-Scale Output Voltage vs Temperature
VCC = 5V
DNL (POS) 0 DNL (NEG) -0.5
0 INL (NEG) -0.5
4.095
4.085
-1.0 -50 -25
0
25 50 75 100 125 150 TEMPERATURE (C)
2630 G10
-1.0 -50 -25
0
25 50 75 100 125 150 TEMPERATURE (C)
2630 G11
4.075 -50 -25
0
25 50 75 100 125 150 TEMPERATURE (C)
2630 G12
Settling to 1LSB
Settling to 1LSB
CS/LD 2V/DIV
VOUT 1LSB/DIV 4.8s 4.0s
VOUT 1LSB/DIV 1/4 SCALE TO 3/4 SCALE STEP VCC = 5V, VFS = 4.096V RL = 2k, CL = 100pF AVERAGE OF 256 EVENTS 2s/DIV
2630 G13
CS/LD 2V/DIV
1/4 SCALE TO 3/4 SCALE STEP VCC = 5V, VFS = 4.096V RL = 2k, CL = 100pF AVERAGE OF 256 EVENTS 2s/DIV
2630 G14
2630f
9
LTC2630 TYPICAL PERFORMANCE CHARACTERISTICS
LTC2630-10 Integral Nonlinearity (INL)
1.0 VCC = 5V VFS = 4.096V 0.5 DNL (LSB) INL (LSB) 0.5 1.0 VCC = 5V VFS = 4.096V
Differential Nonlinearity (DNL)
0
0
-0.5
-0.5
-1.0
0
256
512 CODE
768
1023
2630 G15
-1.0
0
256
512 CODE
768
1023
2630 G16
LTC2630-8 Integral Nonlinearity (INL)
1.0 VCC = 3V VFS = 2.5V 0.5 DNL (LSB) INL (LSB) 0.25 0.50 VCC = 3V VFS = 2.5V
Differential Nonlinearity (DNL)
0
0
-0.5
-0.25
-1.0
0
64
128 CODE
192
255
2630 G17
-0.50
0
64
128 CODE
192
255
2630 G18
LTC2630 Load Regulation
10 8 6 4 VOUT (mV) VOUT (V) 2 0 -2 -4 -6 -8 -10 -30 -20 -10 INTERNAL REF. CODE = MIDSCALE 0 10 IOUT (mA) 20 30
2630 G19
Current Limiting
0.20 0.15 0.10 0.05 0 VCC = 5V (LTC2630-H) VCC = 5V (LTC2630-L) VCC = 3V (LTC2630-L) OFFSET ERROR (mV) 3 2 1 0 -1 -2
Offset Error vs Temperature
VCC = 5V (LTC2630-H) VCC = 5V (LTC2630-L) VCC = 3V (LTC2630-L)
-0.05 -0.10 -0.15 -0.20 -30 -20 -10 INTERNAL REF. CODE = MIDSCALE 0 10 IOUT (mA) 20 30
2630 G20
-3 -50 -25
0
25 50 75 100 125 150 TEMPERATURE (C)
2630 G21
2630f
10
LTC2630 TYPICAL PERFORMANCE CHARACTERISTICS
LTC2630 Large-Signal Response Midscale-Glitch Impulse
INTERNAL REF
Power-On Reset Glitch
LTC2630-L
CS/LD 5V/DIV 0.5V/DIV VOUT 5mV/DIV VFS = VCC = 5V 1/4 SCALE TO 3/4 SCALE 2s/DIV
2630 G22
VCC 2V/DIV LTC2630-H12, VCC = 5V: 2.4nV-s TYP ZERO-SCALE LTC2630-L12, VCC = 3V: 2.0nV-s TYP 2s/DIV
2630 G23
VOUT 2mV/DIV
200s/DIV
2630 G24
Headroom at Rails vs Output Current
5.0 4.5 4.0 3.5 VOUT (V) 3.0 2.5 2.0 1.5 1.0 0.5 0 0 3V (LTC2630-L) SINKING 1 2 3 4 5 IOUT (mA) 6 7 8 5V SINKING 3V (LTC2630-L) SOURCING 5V SOURCING 500
Noise Voltage vs Frequency
CODE = MIDSCALE
0.1Hz to 10Hz Voltage Noise
VCC = 4V, VFS = 2.5V CODE = MIDSCALE
NOISE VOLTAGE (nV/Hz)
400
300 LTC2630-H (VCC = 5V) 10V/DIV
200
100
LTC2630-L (VCC = 4V)
0 100
1k
10k FREQUENCY (Hz)
100k
1M
2630 G26
1s/DIV
2630 G27
2630 G25
Exiting Power-Down to Midscale
1.0
Supply Current vs Logic Voltage
SWEEP SCK, SDI, CS/LD BETWEEN 0V AND VCC
CS/LD 2V/DIV ICC (mA)
0.8
0.6
VCC = 5V
VOUT 0.5V/DIV
0.4 VCC = 3V (LTC2630-L) 0.2
LTC2630-H 0 4s/DIV
2630 G28
0
1
2 3 LOGIC VOLTAGE (V)
4
5
2630 G29
2630f
11
LTC2630 PIN FUNCTIONS
CS/LD (Pin 1): Serial Interface Chip Select/Load Input. When CS/LD is low, SCK is enabled for shifting data on SDI into the register. When CS/LD is taken high, SCK is disabled and the specified command (see Table 1) is executed. SCK (Pin 2): Serial Interface Clock Input. CMOS and TTL compatible. SDI (Pin 3): Serial Interface Data Input. Data on SDI is clocked into the DAC on the rising edge of SCK. The LTC2630 accepts input word lengths of either 24 or 32 bits. VCC (Pin 4): Supply Voltage Input. 2.7V VCC 5.5V (LTC2630-L) or 4.5V VCC 5.5V (LTC2630-H). Also used as the reference input when the part is programmed to operate in supply as reference mode. Bypass to GND with a 0.1F capacitor. GND (Pin 5): Ground. VOUT (Pin 6): DAC Analog Voltage Output.
BLOCK DIAGRAM
VCC INTERNAL REFERENCE SDI CONTROL DECODE LOGIC SCK 24-BIT SHIFT REGISTER DACREF CS/LD INPUT REGISTER DAC REGISTER DAC VOUT RESISTOR DIVIDER
GND
2630 BD
2630f
12
LTC2630 TIMING DIAGRAM
t1 t2 SCK 1 t3 2 t4 3 23 t6 24 t10 SDI t5 CS/LD
2630 F01
t7
Figure 1. Serial Interface Timing
OPERATION
The LTC2630 is a family of single voltage output DACs in 6-lead SC70 packages. Each DAC can operate rail-to-rail referenced to the input supply, or with its full-scale voltage set by an integrated reference. Twelve combinations of accuracy (12-, 10-, and 8-bit), power-on reset value (zero or midscale), and full-scale voltage (2.5V or 4.096V) are available. The LTC2630 is controlled using a 3-wire SPI/MICROWIRE compatible interface. Power-On Reset The LTC2630-HZ/-LZ clear the output to zero scale when power is first applied, making system initialization consistent and repeatable. For some applications, downstream circuits are active during DAC power-up, and may be sensitive to nonzero outputs from the DAC during this time. The LTC2630 contains circuitry to reduce the power-on glitch: the analog output typically rises less than 5mV above zero scale during power on if the power supply is ramped to 5V in 1ms or more. In general, the glitch amplitude decreases as the power supply ramp time is increased. See "Power-On Reset Glitch" in the Typical Performance Characteristics section. The LTC2630-HM/-LM provide an alternative reset, setting the output to midscale when power is first applied. Transfer Function The digital-to-analog transfer function is k VOUT(IDEAL) = N VREF 2 where k is the decimal equivalent of the binary DAC input code, N is the resolution, and VREF is either 2.5V (LTC2630-L) or 4.096V (LTC2630-H) in internal reference mode, and VCC in Supply as reference mode.
Table 1. Command Codes
Command* C3 C2 C1 C0 0 0 0 0 0 0 0 0 0 1 1 1 0 0 1 0 1 1 0 1 1 0 0 1 Write to Input Register Update (Power up) DAC Register Write to and Update (Power up) DAC Register Power down Select Internal Reference (Power-on Reset Default) Select Supply as Reference (VREF = VCC )
*Command codes not shown are reserved and should not be used.
2630f
13
LTC2630 OPERATION
INPUT WORD (LTC2630-12) COMMAND C3 C2 C1 C0 4 DON'T-CARE BITS X X X X D11 D10 MSB INPUT WORD (LTC2630-10) COMMAND C3 C2 C1 C0 4 DON'T-CARE BITS X X X X D9 MSB INPUT WORD (LTC2630-8) COMMAND C3 C2 C1 C0 4 DON'T-CARE BITS X X X X D7 MSB D6 D5 D4 D3 DATA (8 BITS + 8 DON'T-CARE BITS) D2 D1 D0 LSB X X X X X X X X
2630 F02
DATA (12 BITS + 4 DON'T-CARE BITS) D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 LSB X X X X
DATA (10 BITS + 6 DON'T-CARE BITS) D8 D7 D6 D5 D4 D3 D2 D1 D0 LSB X X X X X X
Figure 2. Command and Data Input Format
Serial Interface The CS/LD input is level triggered. When this input is taken low, it acts as a chip-select signal, enabling the SDI and SCK buffers and the input shift register. Data (SDI input) is transferred at the next 24 rising SCK edges. The 4-bit command, C3-C0, is loaded first; then 4 don't-care bits; and finally the 16-bit data word. The data word comprises the 12-, 10- or 8-bit input code, ordered MSB-to-LSB, followed by 4, 6 or 8 don't-care bits (LTC2630-12, -10 and -8 respectively; see Figure 2). Data can only be transferred to the device when the CS/LD signal is low, beginning on the first rising edge of SCK. SCK may be high or low at the falling edge of CS/LD. The rising edge of CS/LD ends the data transfer and causes the device to execute the command specified in the 24-bit input sequence. The complete sequence is shown in Figure 3a. The command (C3-C0) assignments are shown in Table 1. The first three commands in the table consist of write and update operations. A Write operation loads a 16-bit data word from the 24-bit shift register into the input register. In an Update operation, the input register is copied to the DAC register and converted to an analog voltage at the DAC output. Write to and Update combines the first two commands. The Update operation also powers up the DAC if it had been in power-down mode. The data path and registers are shown in the Block Diagram.
While the minimum input sequence is 24 bits, it may optionally be extended to 32 bits to accommodate microprocessors that have a minimum word width of 16 bits (2 bytes). To use the 32-bit width, 8 don't-care bits are transferred to the device first, followed by the 24-bit sequence described. Figure 3b shows the 32-bit sequence. The 16-bit data word is ignored for all commands that do not include a Write operation. Power-Down Mode For power-constrained applications, power-down mode can be used to reduce the supply current whenever the DAC output is not needed. When in power-down, the buffer amplifier, bias circuit, and reference circuit are disabled and draw essentially zero current. The DAC output is put into a high-impedance state, and the output pin is passively pulled to ground through a 200k resistor. Input and DAC register contents are not disturbed during power-down. The DAC can be put into power-down mode by using command 0100. The supply current is reduced to 1.5A maximum when the DAC is powered down. Normal operation resumes after executing any command that includes a DAC update, as shown in Table 1. The DAC is powered up and its voltage output is updated. Normal settling is delayed while the bias, reference, and amplifier circuits are re-enabled. The power up delay time is 18s for settling to 12 bits.
2630f
14
LTC2630 OPERATION
Reference Modes For applications where an accurate external reference is not available, the LTC2630 has a user-selectable, integrated reference. The LTC2630-LM and LTC2630-LZ provide a full-scale output of 2.5V. The LTC2630-HM and LTC2630HZ provide a full-scale output of 4.096V. The internal reference can be useful in applications where the supply voltage is poorly regulated. Internal Reference mode can be selected by using command 0110, and is the power-on default. The DAC can also operate in supply as reference mode using command 0111. In this mode, VCC supplies the DAC's reference voltage and the supply current is reduced. Voltage Output The LTC2630's integrated rail-to-rail amplifier has guaranteed load regulation when sourcing or sinking up to 10mA at 5V, and 5mA at 3V. Load regulation is a measure of the amplifier's ability to maintain the rated voltage accuracy over a wide range of load current. The measured change in output voltage per change in forced load current is expressed in LSB/mA. DC output impedance is equivalent to load regulation, and may be derived from it by simply calculating a change in units from LSB/mA to ohms. The amplifier's DC output impedance is 0.1 when driving a load well away from the rails. When drawing a load current from either rail, the output voltage headroom with respect to that rail is limited by the 50 typical channel resistance of the output devices (e.g., when sinking 1mA, the minimum output voltage is 50 * 1mA, or 50mV). See the graph "Headroom at Rails vs. Output Current" in the Typical Performance Characteristics section. The amplifier is stable driving capacitive loads of up to 500pF. Rail-to-Rail Output Considerations In any rail-to-rail voltage output device, the output is limited to voltages within the supply range. Since the analog output of the DAC cannot go below ground, it may limit for the lowest codes as shown in Figure 4b. Similarly, limiting can occur near full scale when using the supply as reference. If VFS = VCC and the DAC full-scale error (FSE) is positive, the output for the highest codes limits at VCC, as shown in Figure 4. No full-scale limiting can occur if VFS is less than VCC-FSE. Offset and linearity are defined and tested over the region of the DAC transfer function where no output limiting can occur. Board Layout The PC board should have separate areas for the analog and digital sections of the circuit. A single, solid ground plane should be used, with analog and digital signals carefully routed over separate areas of the plane. This keeps digital signals away from sensitive analog signals and minimizes the interaction between digital ground currents and the analog section of the ground plane. The resistance from the LTC2630 GND pin to the ground plane should be as low as possible. Resistance here will add directly to the effective DC output impedance of the device (typically 0.1). Note that the LTC2630 is no more susceptible to this effect than any other parts of this type; on the contrary, it allows layout-based performance improvements to shine rather than limiting attainable performance with excessive internal resistance. Another technique for minimizing errors is to use a separate power ground return trace on another board layer. The trace should run between the point where the power supply is connected to the board and the DAC ground pin. Thus the DAC ground pin becomes the common point for analog ground, digital ground, and power ground. When the LTC2630 is sinking large currents, this current flows out the ground pin and directly to the power ground trace without affecting the analog ground plane voltage. It is sometimes necessary to interrupt the ground plane to confine digital ground currents to the digital portion of the plane. When doing this, make the gap in the plane only as long as it needs to be to serve its purpose and ensure that no traces cross over the gap.
2630f
15
LTC2630 OPERATION
Optoisolated 4mA to 20mA Process Controller Figure 5 shows how to use an LTC2630HZ to make an optoisolated, digitally-controlled 4mA to 20mA transmitter. The transmitter circuitry, including optoisolation, is powered by the loop voltage which has a wide range of 5.4V to 80V. The 5V output of the LT(R)3010-5 is used to set the 4mA offset current and VOUT is used to digitally control the 0mA to 16mA signal current. The supply current for the regulator, DAC, and op amp is well below the 4mA budget at zero scale. RS senses the total loop current, which includes the quiescent supply current and additional current through Q1. Note that at the maximum loop voltage of 80V, Q1 will dissipate 1.6W when IOUT = 20mA and must have an appropriate heat sink. ROFFSET and RGAIN are the closest 0.1% values to ideal for controlling a 4mA to 20mA output as the digital input varies from zero scale to full scale. Alternatively, ROFFSET can be a 365k, 1% resistor in series with a 20k trim pot and RGAIN can be a 75.0k, 1% resistor in series with a 5k trim pot. The optoisolators shown will limit the speed of the serial bus; the 6N139 is an alternative that will allow higher data rates.
CS/LD SCK SDI 1 C3 C2 2 3 C1 4 C0 X 5 X 6 X 7 X 8 9 D11 10 D10 11 D9 12 D8 13 D7 14 D6 15 D5 16 D4 17 D3 18 D2 19 D1 20 D0 X 21 22 X 23 X 24 X
2630 F03a
COMMAND WORD
4 DON'T-CARE BITS
DATA WORD
24-BIT INPUT WORD
Figure 3a. 24-Bit Load Sequence (Minimum Input Word) LTC2630-12 SDI Data Word: 12-Bit Input Code + 4 Don't-Care Bits (Shown); LTC2630-10 SDI Data Word: 10-Bit Input Code + 6 Don't-Care Bits; LTC2630-8 SDI Data Word: 8-Bit Input Code + 8 Don't-Care Bits
CS/LD SCK SDI X 1 X 2 X 3 X 4 X 5 X 6 X 7 X 8 9 C3 10 C2 11 C1 12 C0 13 X 14 X 15 X 16 X 17 D11 18 D10 19 D9 20 D8 21 D7 22 D6 23 D5 24 D4 25 D3 26 D2 27 D1 28 D0 29 X 30 X 31 X 32 X
8 DON'T-CARE BITS
COMMAND WORD
4 DON'T-CARE BITS
DATA WORD
2630 F03b
32-BIT INPUT WORD
Figure 3b. 32-Bit Load Sequence LTC2630-12 SDI Data Word: 12-Bit Input Code + 4 Don't-Care Bits (Shown); LTC2630-10 SDI Data Word: 10-Bit Input Code + 6 Don't-Care Bits; LTC2630-8 SDI Data Word: 8-Bit Input Code + 8 Don't-Care Bits
2630f
16
OPERATION
POSITIVE FSE
VREF = VCC
VREF = VCC OUTPUT VOLTAGE OUTPUT VOLTAGE INPUT CODE (c) 0V 0 2,048 INPUT CODE (a) 4,095
2630 F04
OUTPUT VOLTAGE
0V
NEGATIVE OFFSET
INPUT CODE
(b)
Figure 4. Effects of Rail-to-Rail Operation on a DAC Transfer Curve (Shown for 12 Bits). (a) Overall Transfer Function (b) Effect of Negative Offset for Codes Near Zero (c) Effect of Positive Full-Scale Error for Codes Near Full Scale
LTC2630
17
2630f
LTC2630 TYPICAL APPLICATION
12-Bit, 2.7V to 5.5V Single Supply, Voltage Output DAC
2.7V TO 5.5V 0.1F SDI P SCK CS/LD GND
2630 TA01
VCC LTC2630-LZ12 V OUT OUTPUT 0V TO 2.5V OR 0V TO VCC
2630f
18
LTC2630 PACKAGE DESCRIPTION
SC6 Package 6-Lead Plastic SC70
(Reference LTC DWG # 05-08-1638 Rev B)
0.47 MAX
0.65 REF
1.80 - 2.20 (NOTE 4)
1.00 REF
2.8 BSC 1.8 REF
1.80 - 2.40 1.15 - 1.35 (NOTE 4)
INDEX AREA (NOTE 6)
PIN 1
RECOMMENDED SOLDER PAD LAYOUT PER IPC CALCULATOR 0.10 - 0.40
0.65 BSC
0.15 - 0.30 6 PLCS (NOTE 3)
0.80 - 1.00 0.00 - 0.10 REF 1.00 MAX GAUGE PLANE 0.15 BSC 0.26 - 0.46
NOTE: 1. DIMENSIONS ARE IN MILLIMETERS 2. DRAWING NOT TO SCALE 3. DIMENSIONS ARE INCLUSIVE OF PLATING 4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR 5. MOLD FLASH SHALL NOT EXCEED 0.254mm 6. DETAILS OF THE PIN 1 IDENTIFIER ARE OPTIONAL, BUT MUST BE LOCATED WITHIN THE INDEX AREA 7. EIAJ PACKAGE REFERENCE IS EIAJ SC-70 8. JEDEC PACKAGE REFERENCE IS MO-203 VARIATION AB
0.10 - 0.18 (NOTE 3)
SC6 SC70 1205 REV B
2630f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
19
LTC2630 TYPICAL APPLICATION
VLOOP 5.4V TO 80V ROFFSET 374k 0.1% LT3010-5 IN OUT SHDN SENSE 1F GND FROM OPTOISOLATED INPUTS SDI SCK CS/LD VCC LTC2630-HZ VOUT 3.01k
+
1F RGAIN 76.8k 0.1%
+
LTC2054
1k
Q1 2N3440
-
1000PF 10k
5V OPTO-ISOLATORS 10k SDI SCK CS/LD
RS 10 IOUT
2630 F05
SDI SCK CS/LD
500
4N28
Figure 5. An Optoisolated 4mA to 20mA Process Controller
RELATED PARTS
PART NUMBER LTC1660/LTC1665 LTC1663 LTC1664 LTC1669 LTC1821 LTC2600/LTC2610/LTC2620 LTC2601/LTC2611/LTC2621 LTC2602/LTC2612/LTC2622 LTC2604/LTC2614/LTC2624 LTC2605/LTC2615/LTC2625 LTC2606/LTC2616/LTC2626 LTC2609/LTC2619/LTC2629 DESCRIPTION Octal 10-/8-Bit VOUT DACs in 16-Pin Narrow SSOP Single 10-Bit VOUT DAC in SOT-23 Quad 10-Bit VOUT DAC in 16-Pin Narrow SSOP Single 10-Bit VOUT DAC in SOT-23 Parallel 16-Bit Voltage Output DAC Octal 16-/14-/12-Bit VOUT DACs in 16-Lead SSOP Single 16-/14-/12-Bit VOUT DACs in 10-Lead DFN Dual 16-/14-/12-Bit VOUT DACs in 8-Lead MSOP Quad 16-/14-/12-Bit VOUT DACs in 16-Lead SSOP Octal 16-/14-/12-Bit VOUT DACs with I2C Interface COMMENTS VCC = 2.7V to 5.5V, Micropower, Rail-to-Rail Output VCC = 2.7V to 5.5V, 60A, Internal reference, SMBus Interface VCC = 2.7V to 5.5V, Micropower, Rail-to-Rail Output VCC = 2.7V to 5.5V, 60A, Internal reference, I2C Interface Precision 16-Bit Settling in 2s for 10V Step 250A per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail Output, SPI Serial Interface 300A per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail Output, SPI Serial Interface 300A per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail Output, SPI Serial Interface 250A per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail Output, SPI Serial Interface 250A per DAC, 2.7V to 5.5V Supply Range, Rail-to-Rail Output, I2C Interface
Single 16-/14-/12-Bit VOUT DACs with I2C Interface 270A per DAC, 2.7V to 5.5V Supply Range, Rail-to-Rail Output, I2C Interface Quad 16-/14-/12-Bit VOUT DACs with I2C Interface 250A per DAC, 2.7V to 5.5V Supply Range, Rail-to-Rail Output with Separate VREF Pins for Each DAC
2630f
20 Linear Technology Corporation
(408) 432-1900 FAX: (408) 434-0507
LT 0407 * PRINTED IN USA
1630 McCarthy Blvd., Milpitas, CA 95035-7417
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2007


▲Up To Search▲   

 
Price & Availability of LTC2630-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X